| 전자부품 데이터시트 검색엔진 |
|
STM32MP157A 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157A 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 259 page ![]() Port F PF2 ---- I2C2_SMBA --- PF3 ---- ---- PF4 ---- --- USART2_RX PF5 ---- --- USART2_TX PF6 - TIM16_CH1 - - - SPI5_NSS SAI1_SD_B UART7_RX PF7 - TIM17_CH1 - - - SPI5_SCK SAI1_MCLK_B UART7_TX PF8 TRACED12 TIM16_CH1N - - - SPI5_MISO SAI1_SCK_B UART7_RTS/ UART7_DE PF9 TRACED13 TIM17_CH1N - - - SPI5_MOSI SAI1_FS_B UART7_CTS PF10 - TIM16_BKIN SAI1_D3 SAI4_D4 - - SAI1_D4 - PF11 ---- - SPI5_MOSI -- PF12 TRACED4 --- ---- PF13 TRACED5 - - DFSDM1_ DATIN6 I2C4_SMBA I2C1_SMBA DFSDM1_ DATIN3 - PF14 TRACED6 - - DFSDM1_ CKIN6 I2C4_SCL I2C1_SCL - - PF15 TRACED7 - - - I2C4_SDA I2C1_SDA - - Port G PG0 TRACED0 - - DFSDM1_ DATIN0 ---- PG1 TRACED1 --- ---- PG2 TRACED2 MCO2 - TIM8_BKIN ---- Table 8. Alternate function AF0 to AF7(1) (continued) Port AF0AF1 AF2AF3 AF4AF5 AF6 AF7 HDP/SYS/RTC TIM1/2/16/17/ LPTIM1/SYS/ RTC SAI1/4/I2C6/ TIM3/4/5/12/ HDP/SYS SAI4/I2C2/ TIM8/ LPTIM2/3/4/5/ DFSDM1 /SDMMC1 SAI4/ I2C1/2/3/4/5/ USART1/ TIM15/LPTIM2/ DFSDM1/CEC SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/5/6/I2C1/ SDMMC1/3/ CEC SPI3/I2S3/ SAI1/3/4/ I2C4/UART4/ DFSDM1 SPI2/I2S2/ SPI3/I2S3/ SPI6/ USART1/2/3/6/ UART7/ SDMMC2 |