| 전자부품 데이터시트 검색엔진 |
|
STM32MP157CAA3T 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157CAA3T 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 260 page ![]() Functional overview STM32MP157C/F 52/260 DS12505 Rev 5 TAMP main features • 32 backup registers: – the backup registers (TAMP_BKPxR) are implemented in the RTC domain that remains powered-on by VBAT when the VDD power is switched off. • 3 external tamper detection events. – Each external event can be configured to be active or passive. – External passive tampers with configurable filter and internal pull-up. • 5 internal tamper events. • Any tamper detection can generate a RTC timestamp event. • Any tamper detection erases the backup registers. • TrustZone support: – Tamper secure or non-secure configuration. – Backup registers configuration in 3 configurable-size areas: 1 read/write secure area. 1 write secure/read non-secure area. 1 read/write non-secure area. • Monotonic counter. |