| 전자부품 데이터시트 검색엔진 |
|
STM32L031C4P7SDTR 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4P7SDTR 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 126 page ![]() Pin descriptions STM32L031x4/6 42/126 DS10668 Rev 6 - - - - - - 26 26 PB13 I/O FT - SPI1_SCK, MCO, TIM21_CH1, LPUART1_CTS - - - - - - - 27 27 PB14 I/O FT - SPI1_MISO, RTC_OUT, TIM21_CH2, LPUART1_RTS/ LPUART1_DE - - - - - - - 28 28 PB15 I/O FT - SPI1_MOSI, RTC_REFIN - - C1 18 18 18 182929 PA8 I/O FT - MCO, LPTIM1_IN1, EVENTOUT, USART2_CK, TIM2_CH1 - 17 B1 19 19 19 19 30 30 PA9 I/O FTf - MCO, I2C1_SCL, USART2_TX, TIM22_CH1 - 18 C2 20 20 20 20 31 31 PA10 I/O FTf - I2C1_SDA, USART2_RX, TIM22_CH2 - - - - - 21 21 32 32 PA11 I/O FT - SPI1_MISO, EVENTOUT, USART2_CTS, TIM21_CH2, COMP1_OUT - Table 15. Pin definitions (continued) Pin Number Pin name (function after reset) Pin type Alternate functions Additional functions |