전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L031C4U3SDTR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STM32L031C4U3SDTR
상세설명  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4U3SDTR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STM32L031C4U3SDTR Datasheet HTML 5Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 6Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 7Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 8Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 9Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 10Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 11Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 12Page - STMicroelectronics STM32L031C4U3SDTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
DS10668 Rev 6
9/126
STM32L031x4/6
Introduction
33
1
Introduction
The ultra-low-power STM32L031x4/6 family includes devices in 6 different packages from
20 to 48 pins. The description below gives an overview of the complete range of peripherals
proposed in this family.
These features make the ultra-low-power STM32L031x4/6 microcontrollers suitable for a
wide range of applications:
•
Gas/water meters and industrial sensors
•
Healthcare and fitness equipment
•
Remote control and user interface
•
PC peripherals, gaming, GPS equipment
•
Alarm system, wired and wireless sensors, video intercom
This STM32L031x4/6 datasheet must be read in conjunction with the STM32L0x1 reference
manual (RM0377).
For information on the Arm® Cortex®-M0+ core please refer to the Cortex®-M0+ Technical
Reference Manual, available from the http://www.arm.com website.
Figure 1 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More