| 전자부품 데이터시트 검색엔진 |
|
STM32L073CBH3DTR 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073CBH3DTR 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 157 page ![]() STM32L073xx 2/157 DS10685 Rev 6 • 11x peripheral communication interfaces – 1x USB 2.0 crystal-less, battery charging detection and LPM – 4x USART (2 with ISO 7816, IrDA), 1x UART (low power) – Up to 6x SPI 16 Mbits/s – 3x I2C (2 with SMBus/PMBus) • 11x timers: 2x 16-bit with up to 4 channels, 2x 16-bit with up to 2 channels, 1x 16-bit ultra-low- power timer, 1x SysTick, 1x RTC, 2x 16-bit basic for DAC, and 2x watchdogs (independent/window) • CRC calculation unit, 96-bit unique ID • True RNG and firewall protection • All packages are ECOPACK2 Table 1. Device summary Reference Part number STM32L073x8 STM32L073V8 STM32L073xB STM32L073VB, STM32L073RB, STM32L073CB STM32L073xZ STM32L073VZ, STM32L073RZ, STM32L073CZ |