| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCI6PTR 데이터시트(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCI6PTR 데이터시트(HTML) 101 Page - STMicroelectronics |
|
101 / 340 page ![]() - ---- --- 58 - --- L10 61 VSS S - - - - - - - H1 - H1 - J4 59 - --- J4 62 VDD S - - - - - ---- - 38 J7 60 - -- 41 J7 63 PE10 I/O FT - TIM1_CH2N, TSC_G5_IO1, OCTOSPI1_CLK, FMC_D7, SAI1_MCLK_B, EVENTOUT - - ---- - 39 L7 61 - -- 42 L7 64 PE11 I/O FT - TIM1_CH2, TSC_G5_IO2, OCTOSPI1_NCS, FMC_D8, EVENTOUT - - ---- - 40 J8 62 - -- 43 J8 65 PE12 I/O FT - TIM1_CH3N, SPI1_NSS, TSC_G5_IO3, OCTOSPI1_IO0, FMC_D9, EVENTOUT - - - - J4 - - 41 M8 63 - - - 44 M8 66 PE13 I/O FT - TIM1_CH3, SPI1_SCK, TSC_G5_IO4, OCTOSPI1_IO1, FMC_D10, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |