전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCI6PTR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32L552VCI6PTR
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI6PTR 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32L552VCI6PTR Datasheet HTML 1Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 2Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 3Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 4Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 5Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 6Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 7Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 8Page - STMicroelectronics STM32L552VCI6PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 340 page
background image
Contents
STM32L552xx
4/340
DS12737 Rev 6
3.17.2
Extended interrupt/event controller (EXTI) . . . . . . . . . . . . . . . . . . . . . . 57
3.18
Cyclic redundancy check calculation unit (CRC) . . . . . . . . . . . . . . . . . . . 58
3.19
Flexible static memory controller (FSMC) . . . . . . . . . . . . . . . . . . . . . . . . 58
3.20
Octo-SPI interface (OCTOSPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
3.21
Analog-to-digital converter (ADC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
3.21.1
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
3.21.2
Internal voltage reference (VREFINT) . . . . . . . . . . . . . . . . . . . . . . . . . . 62
3.21.3
VBAT battery voltage monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
3.22
Digital to analog converter (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
3.23
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
3.24
Comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
3.25
Operational amplifier (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
3.26
Digital filter for sigma-delta modulators (DFSDM) . . . . . . . . . . . . . . . . . . 64
3.27
Touch sensing controller (TSC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
3.28
True random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . 67
3.29
HASH hardware accelerator (HASH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
3.30
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
3.30.1
Advanced-control timer (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . . 68
3.30.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM15, TIM16,
TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
3.30.3
Basic timers (TIM6 and TIM7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
3.30.4
Low-power timers (LPTIM1, LPTIM2 and LPTIM3) . . . . . . . . . . . . . . . . 69
3.30.5
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.30.6
Window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.30.7
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.31
Real-time clock (RTC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
3.32
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
3.33
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
3.34
Universal synchronous/asynchronous receiver transmitter (USART) . . . 74
3.35
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 75
3.36
Serial peripheral interface (SPI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
3.37
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
3.38
Secure digital input/output and MultiMediaCards Interface (SDMMC) . . . 76
3.39
Controller area network (FDCAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
3.40
Universal serial bus (USB FS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More