전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCT3PTR 데이터시트(PDF) 94 Page - STMicroelectronics

부품명 STM32L552VCT3PTR
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT3PTR 데이터시트(HTML) 94 Page - STMicroelectronics

Back Button STM32L552VCT3PTR Datasheet HTML 90Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 91Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 92Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 93Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 94Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 95Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 96Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 97Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 340 page
background image
-
-
11
G7
11
G7
18
F4
29
-
-
11
18
F4
29
PC3
I/O
FT
_a
-
LPTIM1_ETR,
LPTIM3_OUT,
SAI1_D1, SPI2_MOSI,
OCTOSPI1_IO6,
SAI1_SD_A,
LPTIM2_ETR,
EVENTOUT
ADC12_IN4
-
----
-----
--
19
-
30
VSSA
S
-
-
-
-
-
----
-----
--
20
-
31
VREF-
S
-
-
-
-
8
8
12
G9
12
G9
19
H1
30
8
8
12
-
H1
-
VSSA/
VREF-
S-
-
-
-
-
-
-
G8
-
G8
20
J1
31
-
-
-
21
J1
32
VREF
+
S
-
-
-
VREFBUF_OUT
-
-
-
H9
-
H9
21
K1
32
-
-
-
22
K1
33
VDDA
S
-
-
-
-
9
9
13
-
13
----
9
9
13
---
VDDA/
VREF
+
S-
-
-
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More