| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCI3PTR 데이터시트(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCI3PTR 데이터시트(HTML) 105 Page - STMicroelectronics |
|
105 / 340 page ![]() 27 27 35 G1 35 G1 53 K11 75 27 27 35 53 K11 75 PB14 I/O FT _fd - TIM1_CH2N, LPTIM3_ETR, TIM8_CH2N, I2C2_SDA, SPI2_MISO, DFSDM1_DATIN2, USART3_RTS/USART 3_DE, TSC_G1_IO3, SAI2_MCLK_A, TIM15_CH1, EVENTOUT UCPD1_DB2 28 28 36 F1 36 F1 54 K12 76 28 28 36 54 K12 76 PB15 I/O FT _c - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI, DFSDM1_CKIN2, SAI2_SD_A, TIM15_CH2, EVENTOUT UCPD1_CC2 - ---- - 55 L12 77 - - - 55 L12 77 PD8 I/O FT - USART3_TX, FMC_D13, EVENTOUT - - ---- - 56 J10 78 - - - 56 J10 78 PD9 I/O FT - USART3_RX, FMC_D14, SAI2_MCLK_A, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |