| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCI3PTR 데이터시트(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCI3PTR 데이터시트(HTML) 108 Page - STMicroelectronics |
|
108 / 340 page ![]() - ---- -- F9 91 - --- F9 91 PG6 I/O FT _s - OCTOSPI1_DQS, I2C3_SMBA, LPUART1_RTS/LPUA RT1_DE, UCPD1_FRSTX1, EVENTOUT - - ---- -- F10 92 - --- F10 92 PG7 I/O FT _fs - SAI1_CK1, I2C3_SCL, DFSDM1_CKOUT, LPUART1_TX, UCPD1_FRSTX2, FMC_INT, SAI1_MCLK_A, EVENTOUT - - ---- -- F12 93 - --- F12 93 PG8 I/O FT _fs - I2C3_SDA, LPUART1_RX, EVENTOUT - - ---- --- 94 - ---- 94 VSS S - - - - - ---- --- 95 - ---- 95 VDDIO 2 S- - - - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |