전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCI3PTR 데이터시트(PDF) 112 Page - STMicroelectronics

부품명 STM32L552VCI3PTR
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PTR 데이터시트(HTML) 112 Page - STMicroelectronics

Back Button STM32L552VCI3PTR Datasheet HTML 108Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 109Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 110Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 111Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 112Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 113Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 114Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 115Page - STMicroelectronics STM32L552VCI3PTR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 340 page
background image
37
37
49
D3
49
D3
76
C11 109
37
37
49
76
C11 109
PA14
(JTCK/
SWCL
K)
I/O FT
(3)
JTCK/SWCLK,
LPTIM1_OUT,
I2C1_SMBA,
I2C4_SMBA,
SAI1_FS_B,
EVENTOUT
-
38
38
50
E4
50
E4
77
A11 110
38
38
50
77
A11 110
PA15
(JTDI)
I/O
FT
_c
(3)
JTDI, TIM2_CH1,
TIM2_ETR,
USART2_RX,
SPI1_NSS, SPI3_NSS,
USART3_RTS/USART
3_DE,
UART4_RTS/UART4_
DE, SAI2_FS_B,
EVENTOUT
UCPD1_CC1
-
-
51
A2
51
A2
78
B11 111
-
-
51
78
B11 111
PC10
I/O FT
-
TRACED1,
LPTIM3_ETR,
SPI3_SCK,
USART3_TX,
UART4_TX,
TSC_G3_IO2,
SDMMC1_D2,
SAI2_SCK_B,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More