| 전자부품 데이터시트 검색엔진 |
|
STM32L031C4P7DTR 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4P7DTR 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 126 page ![]() Pin descriptions STM32L031x4/6 40/126 DS10668 Rev 6 7B4 7 7 7 7 11 11 PA1 I/O FT - EVENTOUT, LPTIM1_IN2, TIM2_CH2, I2C1_SMBA, USART2_RTS/ USART2_DE, TIM21_ETR COMP1_INP, ADC_IN1 8D4 8 8 8 8 12 12 PA2 I/O TC - TIM21_CH1, TIM2_CH3, USART2_TX, LPUART1_TX, COMP2_OUT COMP2_INM6, ADC_IN2, RTC_TAMP3/RTC_TS /RTC_OUT/WKUP3 9E4 9 9 9 9 13 13 PA3 I/O FT - TIM21_CH2, TIM2_CH4, USART2_RX, LPUART1_RX COMP2_INP, ADC_IN3 10 B3 10 10 10 10 14 14 PA4 I/O TC - SPI1_NSS, LPTIM1_IN1, USART2_CK, TIM22_ETR COMP1_INM4, COMP2_INM4, ADC_IN4 11 D3 11 11 11 11 15 15 PA5 I/O TC - SPI1_SCK, LPTIM1_IN2, TIM2_ETR, TIM2_CH1 COMP1_INM5, COMP2_INM5, ADC_IN5 12 E3 12 12 12 12 16 16 PA6 I/O FT - SPI1_MISO, LPTIM1_ETR, LPUART1_CTS, TIM22_CH1, EVENTOUT, COMP1_OUT ADC_IN6 Table 15. Pin definitions (continued) Pin Number Pin name (function after reset) Pin type Alternate functions Additional functions |