| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU3QXXX 데이터시트(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU3QXXX 데이터시트(HTML) 113 Page - STMicroelectronics |
|
113 / 340 page ![]() - - 52 C3 52 C3 79 A10 112 - - 52 79 A10 112 PC11 I/O FT - LPTIM3_IN1, OCTOSPI1_NCS, SPI3_MISO, USART3_RX, UART4_RX, TSC_G3_IO3, UCPD1_FRSTX2, SDMMC1_D3, SAI2_MCLK_B, EVENTOUT - - - 53 B3 53 B3 80 B10 113 - - 53 80 B10 113 PC12 I/O FT - TRACED3, SPI3_MOSI, USART3_CK, UART5_TX, TSC_G3_IO4, SDMMC1_CK, SAI2_SD_B, EVENTOUT - - ---- - 81 C9 114 - - - 81 C9 114 PD0 I/O FT - SPI2_NSS, FDCAN1_RX, FMC_D2, EVENTOUT - - ---- - 82 B9 115 - - - 82 B9 115 PD1 I/O FT - SPI2_SCK, FDCAN1_TX, FMC_D3, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |