전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCU3QXXX 데이터시트(PDF) 28 Page - STMicroelectronics

부품명 STM32L552VCU3QXXX
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QXXX 데이터시트(HTML) 28 Page - STMicroelectronics

Back Button STM32L552VCU3QXXX Datasheet HTML 24Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 25Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 26Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 27Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 28Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 29Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 30Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 31Page - STMicroelectronics STM32L552VCU3QXXX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 340 page
background image
Functional overview
STM32L552xx
28/340
DS12737 Rev 6
3.8.1
TrustZone peripheral classification
When the TrustZone security is active, a peripheral can be either Securable or TrustZone-
aware type as follows:
•
Securable: a peripheral is protected by an AHB/APB firewall gate that is controlled from
TZSC controller to define security properties.
•
TrustZone-aware: a peripheral connected directly to AHB or APB bus and is
implementing a specific TrustZone behavior such as a subset of registers being secure.
The tables below summarize the list of Securable and TrustZone aware peripherals within
the system.
2. Different colors highlights the different configurations
Pink: Non-secure
Green: NSC (non-secure callable)
Lighter green: Secure or non-secure or NSC
Table 7. Securable peripherals by TZSC
Bus
Peripheral
AHB3
OCTOSPI1 registers
FMC registers
AHB 2
SDMMC1
RNG
ADC
AHB1
ICACHE registers
TSC
CRC
APB2
DFSDM1
SAI2
SAI1
TIM17
TIM16
TIM15
USART1
TIM8
SPI1
TIM1
COMP
VREFBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More