| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU3QXXX 데이터시트(PDF) 312 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU3QXXX 데이터시트(HTML) 312 Page - STMicroelectronics |
|
312 / 340 page ![]() Package information STM32L552xx 312/340 DS12737 Rev 6 Figure 80. UFQFPN48 recommended footprint 1. Dimensions are expressed in millimeters. Device marking for UFQFPN48 (7 x 7) The following figure gives an example of topside marking orientation versus pin 1 identifier location. The printed markings may differ depending on the supply chain. Other optional marking or inset/upset marks, which also depend on supply chain operations, are not indicated below. L 0.300 0.400 0.500 0.0118 0.0157 0.0197 T - 0.152 - - 0.0060 - b 0.200 0.250 0.300 0.0079 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.080 - - 0.0031 1. Values in inches are converted from mm and rounded to 4 decimal digits. Table 154. UFQFPN48 mechanical data (continued) Symbol millimeters inches(1) Min Typ Max Min Typ Max 7.30 7.30 0.20 0.30 0.55 0.50 5.80 6.20 6.20 5.60 5.60 5.80 0.75 A0B9_FP_V2 48 1 12 13 24 25 36 37 |