| 전자부품 데이터시트 검색엔진 |
|
STM32WB55CCV6ATR 데이터시트(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CCV6ATR 데이터시트(HTML) 68 Page - STMicroelectronics |
|
68 / 193 page ![]() Pinouts and pin description STM32WB55xx STM32WB35xx 68/193 DS11929 Rev 10 - - C6 D6 PD6 I/O FT - SAI1_PDM_DI1, TSC_G5_IO3, QUADSPI_BK1_IO2, SAI1_SD_A, CM4_EVENTOUT - - - A8 C5 PD7 I/O FT_l - TSC_G5_IO4, QUADSPI_BK1_IO3, LCD_SEG39, CM4_EVENTOUT - - - B9 B12 VSS S - - - - - - D4 B6 PD8 I/O FT_l - TIM1_BKIN2, LCD_SEG28, CM4_EVENTOUT - - - D5 D4 PD9 I/O FT_l - TRACED0, LCD_SEG29, CM4_EVENTOUT - - - E4 A7 PD10 I/O FT_l - TRIG_INOUT, TSC_G6_IO1, LCD_SEG30, CM4_EVENTOUT - - - E5 B5 PD11 I/O FT_l - TSC_G6_IO2, LCD_SEG31, LPTIM2_ETR, CM4_EVENTOUT - - - B8 B4 PD12 I/O FT_l - TSC_G6_IO3, LCD_SEG32, LPTIM2_IN1, CM4_EVENTOUT - 43 63 A9 C4 PB3 (JTDO) I/O FT_la (9) JTDO-TRACESWO, TIM2_CH2, SPI1_SCK, USART1_RTS_DE, LCD_SEG7, SAI1_SCK_B, CM4_EVENTOUT COMP2_INM 44 64 C7 B3 PB4 (NJTRST) I/O FT_fla (9) NJTRST, I2C3_SDA, SPI1_MISO, USART1_CTS, TSC_G2_IO1, LCD_SEG8, SAI1_MCLK_B, TIM17_BKIN, CM4_EVENTOUT COMP2_INP 45 65 D6 A3 PB5 I/O FT_l - LPTIM1_IN1, I2C1_SMBA, SPI1_MOSI, USART1_CK, LPUART1_TX, TSC_G2_IO2, LCD_SEG9, COMP2_OUT, SAI1_SD_B, TIM16_BKIN, CM4_EVENTOUT - Table 16. STM32WB55xx pin and ball definitions (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |