| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU6PXXX 데이터시트(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU6PXXX 데이터시트(HTML) 111 Page - STMicroelectronics |
|
111 / 340 page ![]() 32 32 44 C1 44 C1 70 C12 103 32 32 44 70 C12 103 PA11 I/O FT _u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, USART1_CTS/USART 1_NSS, FDCAN1_RX, USB_DM, EVENTOUT - 33 33 45 C2 45 C2 71 B12 104 33 33 45 71 B12 104 PA12 I/O FT _u - TIM1_ETR, SPI1_MOSI, USART1_RTS/USART 1_DE, FDCAN1_TX, USB_DP, EVENTOUT - 34 34 46 D2 46 D2 72 C10 105 34 34 46 72 C10 105 PA13 (JTMS/ SWDI O) I/O FT (3) JTMS/SWDIO, IR_OUT, USB_NOE, SAI1_SD_B, EVENTOUT - - - 47 - 47 ----- - 47 --- VSS S - - - - - - 48 B1 48 B1 73 A12 106 - - 48 73 A12 106 VDDU SB S- - - - 35 35 - B5 - B5 74 H4 107 35 35 - 74 H4 107 VSS S - - - - 36 36 - A9 - A9 75 D9 108 36 36 - 75 D9 108 VDD S - - - - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |