전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCU6PXXX 데이터시트(PDF) 115 Page - STMicroelectronics

부품명 STM32L552VCU6PXXX
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX 데이터시트(HTML) 115 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 111Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 112Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 113Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 114Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 115Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 116Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 117Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 118Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 340 page
background image
-
----
-
87
A7
122
-
-
-
87
A7
122
PD6
I/O FT
-
SAI1_D1, SPI3_MOSI,
DFSDM1_DATIN1,
USART2_RX,
OCTOSPI1_IO6,
FMC_NWAIT,
SAI1_SD_A,
EVENTOUT
-
-
----
-
88
D7 123
-
-
-
88
D7 123
PD7
I/O FT
-
DFSDM1_CKIN1,
USART2_CK,
OCTOSPI1_IO7,
FMC_NCE/FMC_NE1,
EVENTOUT
-
-
-
-
D4
-
D4
-
B7
124
-
-
-
-
B7
124
PG9
I/O
FT
_s
-
SPI3_SCK,
USART1_TX,
FMC_NCE/FMC_NE2,
SAI2_SCK_A,
TIM15_CH1N,
EVENTOUT
-
-
-
-C4-C4
-C7 125
-
-
-
-
C7 125
PG10
I/O
FT
_s
-
LPTIM1_IN1,
SPI3_MISO,
USART1_RX,
FMC_NE3,
SAI2_FS_A,
TIM15_CH1,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More