전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCI3PXXX 데이터시트(PDF) 110 Page - STMicroelectronics

부품명 STM32L552VCI3PXXX
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX 데이터시트(HTML) 110 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 106Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 107Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 108Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 109Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 110Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 111Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 112Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 113Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 340 page
background image
-
-
40
G3
40
G3
66
E11
99
-
-
40
66
E11
99
PC9
I/O
FT
_f
-
TRACED0,
TIM8_BKIN2,
TIM3_CH4, TIM8_CH4,
TSC_G4_IO4,
USB_NOE,
SDMMC1_D1,
SAI2_EXTCLK,
EVENTOUT
-
29
29
41
F4
41
F4
67 D12 100
29
29
41
67 D12 100
PA8
I/O
FT
_f
-
MCO, TIM1_CH1,
SAI1_CK2,
USART1_CK,
SAI1_SCK_A,
LPTIM2_OUT,
EVENTOUT
-
30
30
42
D1
42
D1
68 D10 101
30
30
42
68 D10 101
PA9
I/O
FT
_fu
-
TIM1_CH2, SPI2_SCK,
USART1_TX,
SAI1_FS_A,
TIM15_BKIN,
EVENTOUT
-
31
31
43
E3
43
E3
69
D11 102
31
31
43
69
D11 102
PA10
I/O
FT
_fu
-
TIM1_CH3, SAI1_D1,
USART1_RX,
CRS_SYNC,
SAI1_SD_A,
TIM17_BKIN,
EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More