전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L552VCI3PXXX 데이터시트(PDF) 113 Page - STMicroelectronics

부품명 STM32L552VCI3PXXX
상세설명  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCI3PXXX 데이터시트(HTML) 113 Page - STMicroelectronics

Back Button STM32L552VCI3PXXX Datasheet HTML 109Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 110Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 111Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 112Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 113Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 114Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 115Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 116Page - STMicroelectronics STM32L552VCI3PXXX Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 340 page
background image
-
-
52
C3
52
C3
79
A10 112
-
-
52
79
A10 112
PC11
I/O FT
-
LPTIM3_IN1,
OCTOSPI1_NCS,
SPI3_MISO,
USART3_RX,
UART4_RX,
TSC_G3_IO3,
UCPD1_FRSTX2,
SDMMC1_D3,
SAI2_MCLK_B,
EVENTOUT
-
-
-
53
B3
53
B3
80
B10 113
-
-
53
80
B10 113
PC12
I/O FT
-
TRACED3,
SPI3_MOSI,
USART3_CK,
UART5_TX,
TSC_G3_IO4,
SDMMC1_CK,
SAI2_SD_B,
EVENTOUT
-
-
----
-
81
C9
114
-
-
-
81
C9
114
PD0
I/O FT
-
SPI2_NSS,
FDCAN1_RX,
FMC_D2, EVENTOUT
-
-
----
-
82
B9
115
-
-
-
82
B9
115
PD1
I/O FT
-
SPI2_SCK,
FDCAN1_TX,
FMC_D3, EVENTOUT
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More