| 전자부품 데이터시트 검색엔진 |
|
STM32L552VCU3PXXX 데이터시트(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU3PXXX 데이터시트(HTML) 49 Page - STMicroelectronics |
|
49 / 340 page ![]() DS12737 Rev 6 49/340 STM32L552xx Functional overview 78 COMPx TIM1, 8 TIM2, 3 Timer input channel, trigger, break from analog signals comparison YY YY - - LPTIMERx Low-power timer triggered by analog signals comparison YY YY Y Y (1) ADCx TIM1, 8 Timer triggered by analog watchdog Y Y Y Y - - RTC TIM16 Timer input channel from RTC events Y Y Y Y - - LPTIMERx Low-power timer triggered by RTC alarms or tampers YY YY Y Y (1) All clocks sources (internal and external) TIM2 TIM15, 16, 17 Clock source used as input channel for RC measurement and trimming YY YY - - USB TIM2 Timer triggered by USB SOF Y Y - - - - CSS CPU (hard fault) RAM (parity error) Flash memory (ECC error) COMPx PVD DFSDM1 (analog watchdog, short circuit detection) TIM1,8 TIM15,16,17 Timer break Y Y Y Y - - GPIO TIMx External trigger Y Y Y Y - - LPTIMERx External trigger Y Y Y Y Y Y (1) ADC DAC1 DFSDM1 Conversion external trigger Y Y Y Y - - 1. LPTIM1 and LPTIM3 only. Table 12. STM32L552xx peripherals interconnect matrix (continued) Interconnect source Interconnect destination Interconnect action |