| 전자부품 데이터시트 검색엔진 |
|
STM32WB55CCU7ATR 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55CCU7ATR 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 193 page ![]() Functional overview STM32WB55xx STM32WB35xx 30/193 DS11929 Rev 10 Figure 8. STM32WB35xx - Power supply overview 1. The USB transceiver is powered by VDDUSB, and the GPIOs associated with USB are powered by VDDUSB when USB alternate function (PA11 and PA12) is selected. When USB alternate function is not selected the GPIOs associated with USB are powered as standard GPIOs. MS53593V1 VBAT IOs Wakeup domain (VDDIO) Analog domain Interruptible domain (VDD12I) Switch domain (VSW) (CPU1, CPU2, peripherals, SRAM1, SRAM2b) Power switch VBAT ADC VDDA VREF- VDD HSI, HSE1, 2xPLL, LSI1, LSI2, IWDG, RF IOs VSS VSS IO logic VREF+ VSW LSE, RTC, backup registers IO logic Backup domain SMPS Power switch VSS VBKP12 SRAM2a Power switch VSS On domain (VDD12O) Power switch VSS SysConfig, AIEC, RCC, PwrCtrl, LPTIM, LPUSART = = VUSB IOs USB domain (VUSB) VSS VSS USB transceiver (1) VDDUSB LPR MR RFR VLXSMPS VFBSMPS VDDSMPS RF domain Radio VDDRF VSSRF (including exposed pad) VSS VSSSMPS VSS VSS VSS |