전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WB35CCU7ATR 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STM32WB35CCU7ATR
상세설명  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCU7ATR 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STM32WB35CCU7ATR Datasheet HTML 8Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 9Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 10Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 11Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 12Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 13Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 14Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 15Page - STMicroelectronics STM32WB35CCU7ATR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 193 page
background image
Introduction
STM32WB55xx STM32WB35xx
12/193
DS11929 Rev 10
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32WB55xx and STM32WB35xx microcontrollers, based on Arm® cores(a).
This document must be read in conjunction with the reference manual (RM0434), available
from the STMicroelectronics website www.st.com.
For information on the Arm® Cortex®-M4 and Cortex®-M0+ cores, refer, respectively, to the
Cortex®-M4 Technical Reference Manual and to the Cortex®-M0+ Technical Reference
Manual, both available on the www.arm.com website.
For information on 802.15.4 refer to the IEEE website (www.ieee.org).
For information on Bluetooth® refer to www.bluetooth.com.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More