전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WB35CCQ7ATR 데이터시트(PDF) 74 Page - STMicroelectronics

부품명 STM32WB35CCQ7ATR
상세설명  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCQ7ATR 데이터시트(HTML) 74 Page - STMicroelectronics

Back Button STM32WB35CCQ7ATR Datasheet HTML 70Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 71Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 72Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 73Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 74Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 75Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 76Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 77Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 193 page
background image
B
PB0
--
-
-
-
-
EXT
_PA
_TX
--
-
-
COMP1_
OUT
--
CM4_
EVENTOUT
PB1
--
-
-
-
-
-
-
LPUART1
_RTS_DE
--
-
-
-
LPTIM2_
IN1
CM4_
EVENTOUT
PB2
RTC_
OUT
LPTIM1_
OUT
--
I2C3_
SMBA
SPI1_
NSS
-
-
-
-
-
LCD_VLCD
-
SAI1_
EXTCLK
-
CM4_
EVENTOUT
PB3
JTDO-
TRACE
SWO
TIM2_
CH2
---
SPI1_
SCK
-
USART1_
RTS_DE
-
-
-
LCD_SEG7
-
SAI1_
SCK_B
-
CM4_
EVENTOUT
PB4
NJTRST
-
-
-
I2C3_
SDA
SPI1_
MISO
-
USART1_
CTS
-
TSC_G2
_IO1
-
LCD_SEG8
-
SAI1_
MCLK_B
TIM17_
BKIN
CM4_
EVENTOUT
PB5
-
LPTIM1_
IN1
--
I2C1_
SMBA
SPI1_
MOSI
-
USART1_
CK
LPUART1
_TX
TSC_G2
_IO2
-
LCD_SEG9
COMP2_
OUT
SAI1_
SD_B
TIM16_
BKIN
CM4_
EVENTOUT
PB6
MCO
LPTIM1_
ETR
--
I2C1_
SCL
--
USART1_
TX
-
TSC_G2
_IO3
-
LCD_SEG6
-
SAI1_
FS_B
TIM16_
CH1N
CM4_
EVENTOUT
PB7
-
LPTIM1_
IN2
-
TIM1_
BKIN
I2C1_
SDA
--
USART1_
RX
-
TSC_G2
_IO4
-
LCD_SEG21
-
-
TIM17_
CH1N
CM4_
EVENTOUT
PB8
-
TIM1_
CH2N
-
SAI1_
PDM_CK1
I2C1_
SCL
--
-
-
-
QUADSPI_
BK1_IO1
LCD_SEG16
-
SAI1_
MCLK_A
TIM16_
CH1
CM4_
EVENTOUT
PB9
-
TIM1_
CH3N
-
SAI1_
PDM_DI2
I2C1_
SDA
SPI2_
NSS
--
IR_OUT
TSC_G7
_IO4
QUADSPI_
BK1_IO0
LCD_COM3
-
SAI1_
FS_A
TIM17_
CH1
CM4_
EVENTOUT
PB10
-
TIM2_
CH3
--
I2C3_
SCL
SPI2_SC
K
--
LPUART1
_RX
TSC
_SYNC
QUADSPI_
CLK
LCD_SEG10
COMP1_
OUT
SAI1_
SCK_A
-
CM4_
EVENTOUT
PB11
-
TIM2_
CH4
--
I2C3_
SDA
--
-
LPUART1
_TX
-
QUADSPI_
BK1_NCS
LCD_SEG11
COMP2_
OUT
--
CM4_
EVENTOUT
PB12
-
TIM1_
BKIN
-
TIM1_
BKIN
I2C3_
SMBA
SPI2_
NSS
--
LPUART1
_RTS
TSC_G1
_IO1
-
LCD_SEG12
-
SAI1_
FS_A
-
CM4_
EVENTOUT
PB13
-
TIM1_
CH1N
--
I2C3_
SCL
SPI2_
SCK
--
LPUART1
_CTS
TSC_G1
_IO2
-
LCD_SEG13
-
SAI1_
SCK_A
-
CM4_
EVENTOUT
PB14
-
TIM1_
CH2N
--
I2C3_
SDA
SPI2_
MISO
--
-
TSC_G1
_IO3
-
LCD_SEG14
-
SAI1_
MCLK_A
-
CM4_
EVENTOUT
PB15
RTC_
REFIN
TIM1_
CH3N
---
SPI2_
MOSI
--
-
TSC_G1
_IO4
-
LCD_SEG15
-
SAI1_
SD_A
-
CM4_
EVENTOUT
Table 18. Alternate functions (STM32WB55xx) (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
TIM1/
TIM2/
LPTIM1
TIM1/
TIM2
SPI2/
SAI1/
TIM1
I2C1/
I2C3
SPI1/
SPI2
RF
USART1
LPUART1
TSC
USB/
QUADSPI
LCD
COMP1/
COMP2/
TIM1
SAI1
TIM2/
TIM16/
TIM17/
LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More