전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLD2132-1EP 데이터시트(PDF) 22 Page - Infineon Technologies AG

부품명 TLD2132-1EP
상세설명  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP 데이터시트(HTML) 22 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 18Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 19Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 20Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 21Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 22Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 23Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 24Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 25Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Datasheet
22
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Power stage
5.4
Electrical characteristics IN_SET, OUT_SET and PWMI pins for output settings
Table 7
Electrical characteristics: IN_SET, OUT_SET and PWMI pins
TJ = -40°C to +150°C; VS =5.5 V to 18 V; RIN_SET = 10 kΩ; all voltages with respect to GND, positive current flowing
into input and I/O pins, positive current flowing out from output pins (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
IN_SET reference voltage
VIN_SET(ref)
1.195
1.22
1.245
V
1)VEN = 5.5 V
TJ = 25°C
P_6.6.1
IN_SET reference voltage
VIN_SET(ref)
1.184
1.22
1.256
V
1)VEN = 5.5 V
TJ = -40... 115°C
P_6.6.17
IN_SET output activation
current
IIN_SET(ACT)
––
15
µA
VEN = 5.5 V
VPS = 3 V
IOUT > 50% of
K(typ)*IIN_SET
P_6.6.2
OUT_SET output current
matching
∆IOUT_SET(ON)/II
N_SET
-4
–
4
%
VS = 8 V to 18 V
VOUT_SET = 1.2V
IIN_SET = 267 µA
P_6.6.3
PWMI low threshold
VPWMI(L)
1.5
1.7
2
V
VS = 8 V to 18 V
VEN = 5.5 V
P_6.6.6
PWMI high threshold
VPWMI(H)
2.5
2.7
3
V
VS = 8 V to 18 V
VEN = 5.5 V
P_6.6.7
Timing
IN_SET turn on time
tON(IN_SET)
––
20
µs
1)2)VS = 13.5 V
VPS = 4 V
IIN_SET rising from 0
to 180 µA
IOUT = 90% of
K*IIN_SET
P_6.6.8
IN_SET turn off time
tOFF(IN_SET)
––
10
µs
1)2)VS = 13.5 V
VPS = 4 V
IIN_SET falling from
180 to 0 µA
IOUT = 10% of
K*IIN_SET
P_6.6.9
OUT_SET activation time
tdel(OUT_SET,H)
––
5
µs
1)3)VS = 13.5 V
IIN_SET rising from 0
to 180 µA
IOUT_SET = 90% of
IIN_SET
P_6.6.10
OUT_SET deactivation time tdel(OUT_SET,L)
––
5
µs
1)3)VS = 13.5 V
IIN_SET falling from
180 to 0 µA
IOUT_SET = 10% of
IIN_SET
P_6.6.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com