| 전자부품 데이터시트 검색엔진 |
|
STPD01PUR 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPD01PUR 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 43 page ![]() Symbol Parameter Test conditions Min. Typ. Max. Unit Pon Pon deglitch 5 ms Ipk Inductor current limit thresholds Positive 5 A Ivalley Negative 3.5 OVP Overvoltage protection threshold (VSNS/Vnom) VSNS sensed voltage vs. nominal vout set in the reg 0x00 1.1 1.15 V/V OVP deglitch 5 ms OVP masking time during Vout transition or fault Start-to-end transition 275 300 ms CCth Constant current threshold (Iout/Ilim) Rsense = 25 mΩ, 1% precision, 0.5<Iout<3 A 1.00 A/A SCP Short-circuit protection Percentage of VSNS 20 % Short-circuit timer 300 ms OTP Overtemperature protection threshold(2) 165 °C OTP hysteresys 30 °C TW Thermal warning Reg 0x02 150 °C TW hysteresys 10 °C η Efficiency(2) Vout = 5 V, Iout = 1.5 A 85 % Vout = 9 V, Iout = 1.5 A 90 Vout = 15 V, Iout = 1.5 A 92 Vout = 20 V, Iout = 1.5 A 93 SCLf SCL clock frequency 400 kHz Cable drop compensation RCDC1 = 10 kΩ, RCDC2 = 24 kΩ, RSENSE = 25 mΩ, ILOAD = 1 A 200 mV Cable drop tolerance -15 +15 % Cable drop saturation 1 V ISNS+, ISNS- Bias current VISNS+ = VISNS- = 20 V 100 µA EN ON threshold 1.2 V OFF threshold 0.35 IEN Enable current EN = GND 3 5 µA Logic section (SCL, SDA pins) VOL Low level output voltage ISINK = 2 mA 0.2 V VIH High level threshold voltage 1.2 V VIL Low level threshold voltage 0.35 V Ilk Leakage current Vpullup = 3.3 V 1 uA INT, PON pins Vod Output voltage ISINK = 2 mA 0.1 V Iod Leakage current Vpullup = 5 V 1 uA 1. Cumulative current from PVIN and VCC. 2. Not tested in production. STPD01 Electrical characteristics DS13473 - Rev 1 page 7/43 |