| 전자부품 데이터시트 검색엔진 |
|
STM32WLE4JCU6TR 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCU6TR 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 145 page ![]() Pinouts, pin description and alternate functions STM32WLE5/E4xx 56/145 DS13105 Rev 8 42 C6 A4 PA14 I/O FT_a - JTCK-SWCLK, LPTIM1_OUT, I2C1_SMBA, CM4_EVENTOUT ADC_IN10 43 A8 B3 PA15 I/O FT_fa - JTDI, TIM2_CH1, TIM2_ETR, I2C2_SDA, SPI1_NSS, CM4_EVENTOUT COMP1_INM, COMP2_INP, ADC_IN11 - - B4 PB15 I/O FT_f TIM1_CH3N, I2C2_SCL, SPI2_MOSI/I2S2_SD, CM4_EVENTOUT - 44 A6 - VDD S - - - - - B7 - VSS S - - - - 49(1) G6 - VSS S - - - - 45 B9 B2 VFBSMPS S - - - - 46 A10 A2 VDDSMPS S - - - - 47 B11 B1 VLXSMPS S - - - - 48 C10 A1 VSSSMPS S - - - - 1. Pin 49 is an exposed pad that must be connected to VSS. Table 19. STM32WLE5/E4xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |