전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3356SC 데이터시트(PDF) 4 Page - SHIKUES Electronics

부품명 2SC3356SC
상세설명  NPN Silicon RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKTECHNOLGY [SHIKUES Electronics]
홈페이지  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

2SC3356SC 데이터시트(HTML) 4 Page - SHIKUES Electronics

  2SC3356SC Datasheet HTML 1Page - SHIKUES Electronics 2SC3356SC Datasheet HTML 2Page - SHIKUES Electronics 2SC3356SC Datasheet HTML 3Page - SHIKUES Electronics 2SC3356SC Datasheet HTML 4Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC3356S
4 of 4
REV.08
SOT-23
(
mm)
(
mm)
A
0.3
0.5
B
1.2
1.4
C
2.25
2.55
D
0.95
G
1.8
2
H
2.8
3
K
0.9
1.15
L
0.55
M
0.08
0.15
Min
Max
Symbols
PACKAGE OUTLINE



Html Pages

1 2 3 4