| 전자부품 데이터시트 검색엔진 |
|
PR40 데이터시트(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
PR40 데이터시트(HTML) 1 Page - 3M Electronics |
|
1 / 4 page ![]() 3 Scotch-Weld ™ Plastic and Rubber Instant Adhesives PR40 • PR100 • PR600 • PR1500 • PR Gel Technical Data April, 2016 Product Description 3M™ Scotch-Weld™ Plastic and Rubber Instant Adhesives are designed to give exceptional performance on difficult-to-bond plastic and rubber substrates. These adhesives may be bonded to like substrates or in combination with metal or composite substrates. Superior performance is achieved on materials such as heavily plasticized PVC, EPDM, ABS, Nylon, Santoprene®, and Viton®. Specific Features • 3M™ Scotch-Weld™ Plastic and Rubber Instant Adhesive PR40 is a low viscosity cyanoacrylate adhesive which bonds close-fitting plastic or rubber parts quickly and with high strength. • 3M™ Scotch-Weld™ Plastic and Rubber Instant Adhesive PR100 is a general purpose, low viscosity bonder for rubber or plastic surfaces. • 3M™ Scotch-Weld™ Plastic and Rubber Instant Adhesive PR600 is a medium viscosity cyanoacrylate with some gap-filling capability. It will bond many common substrates including plastics and rubbers. • 3M™ Scotch-Weld™ Plastic and Rubber Instant Adhesive PR1500 is a high viscosity cyanoacrylate that can be used on plastic or rubber parts that do not fit well together. It has excellent gap-filling characteristics and will not wick into unwanted areas. • 3M™ Scotch-Weld™ Plastic and Rubber Instant Adhesive PR Gel is a fast curing, very high viscosity, gap-filling cyanoacrylate. Its gel formulation is suitable for bonding poorly mating components and for porous substrates and can be used on vertical surfaces as it will not drip or slump. |
유사한 부품 번호 - PR40 |
|
유사한 설명 - PR40 |