| 전자부품 데이터시트 검색엔진 |
|
PS65 데이터시트(PDF) 5 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
PS65 데이터시트(HTML) 5 Page - 3M Electronics |
|
5 / 6 page ![]() 3MTM Scotch-WeldTM Pipe Sealant Anaerobic Adhesives HP42 • HP45 • PS65 • PS67 • PS77 Handling Information For Assembly: 5. Assemble parts and tighten as required. 6. Allow assemblies to set for sufficient time so that handling strength or full cure will occur before further processing or testing. For Disassembly: 1. Loosen or remove with regular hand tools. 2. If hand tools do not work due to the assembled parts being well tightened, apply localized heat (approximately 490oF / 254oC) to the nut or bolt and disassemble while parts are still hot. Use extreme caution when working with heat sources (e.g. heat gun, flames, etc.) Material Surface Activity and Cure Speed Active (Fast cure) Inactive (Slow cure) Brass Anodized Aluminum Bronze Cadmium Commercial aluminum Chemical black oxide Copper Galvanized steel Iron Gold Kovar® Inconel® Manganese Magnesium Monel® Magnetite Steel Nickel Plated parts Pure aluminum Silver Stainless Steel Zinc Storage Store product in cool, dry area out of direct sunlight Shelf Life 3MTM Scotch-WeldTM Pipe Sealant Anaerobic Adhesives have a shelf life of 12 months when stored at 60o to 80oF (16o to 27o C) in the original unopened container. Precautionary Information Refer to Product Labe and Material Safety Data Sheet for health and safety information before using this product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501. |