전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS77 데이터시트(PDF) 4 Page - 3M Electronics

부품명 PS77
상세설명  3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

PS77 데이터시트(HTML) 4 Page - 3M Electronics

  PS77 Datasheet HTML 1Page - 3M Electronics PS77 Datasheet HTML 2Page - 3M Electronics PS77 Datasheet HTML 3Page - 3M Electronics PS77 Datasheet HTML 4Page - 3M Electronics PS77 Datasheet HTML 5Page - 3M Electronics PS77 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3MTM Scotch-WeldTM
Pipe Sealant Anaerobic Adhesives
HP42 • HP45 • PS65 • PS67 • PS77
Handling
Information
Directions for Use:
3MTM Scotch-WeldTM Pipe Sealant Anaerobic Adhesives are not recommended for
use on most plastics due to potential cracking of plastic parts. Also, they are not
recommended for use in piping systems that contain pure oxygen or an oxygen-
rich environment, chlorine, or strong oxidizing substances.
For Assembly:
1. Ensure parts are clean, dry and free from oil, grease and dirt. For best
results, clean and dry parts with solvent or 3MTM Scotch-WeldTM
Activator. (Activator can also be used on inactive surfaces or to accelerate
the cure on active surfaces.)
Note: Use of 3MTM Scotch-WeldTM
Activator may reduce bond strength depending on substrates and gap.
Testing is recommended to evaluate the effect.
2. If not sure of surface type, always use activator. Refer to Material surface
Activity and Cure Speed section for more information.
3. Apply sealant onto the second and third threads (not the first thread) of the
male fitting so as to avoid introducing uncured sealant into the system.
(However, should uncured sealant get into the piping system, it will not
cure or cause blockage and can be slushed out.) Avoid touching the metal
surfaces with the bottle tip since the metal ions may react with the
adhesive upon contact and eventually may clog the bottle tip.
4. Spread adhesive evenly around the male fitting.



Html Pages

1 2 3 4 5 6