전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28075PZPQ 데이터시트(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320F28075PZPQ
상세설명  TMS320F2807x Microcontrollers
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZPQ 데이터시트(HTML) 47 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 43Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 44Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 45Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 46Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 47Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 48Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 49Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 50Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 196 page
background image
47
TMS320F28076, TMS320F28075
www.ti.com
SPRS902I – OCTOBER 2014 – REVISED JUNE 2020
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Specifications
Copyright © 2014–2020, Texas Instruments Incorporated
5.9
System
5.9.1
Power Management
5.9.1.1
Internal 1.2-V VREG
The internal VREG is supplied by VDDIO and generates the 1.2 V required to power the VDD pins. Enable
this functionality by pulling the VREGENZ pin low to VSS. Although the internal VREG eliminates the need
to use an external power supply for VDD, decoupling capacitors are required on each VDD pin for VREG
stability (see the description of VDD in Table 4-1). Driving an external load with the internal VREG is not
supported.
5.9.1.2
Power Sequencing
5.9.1.2.1 Signal Pin Requirements
Before powering the device, no voltage larger than 0.3 V above VDDIO can be applied to any digital pin,
and no voltage larger than 0.3 V above VDDA can be applied to any analog pin (including VREFHI).
5.9.1.2.2 VDDIO, VDDA, VDD3VFL, and VDDOSC Requirements
The 3.3-V supplies should be powered up together and kept within 0.3 V of each other during functional
operation.
5.9.1.2.3 VDD Requirements
When VREGENZ is tied to VSS, the VDD sequencing requirements are handled by the device.
When using an external source for VDD (VREGENZ tied to VDDIO), VDDOSC and VDD must be powered on
and off at the same time. VDDOSC should not be powered on when VDD is off. During the ramp, VDD should
be kept no more than 0.3 V above VDDIO.
For applications not powering VDDOSC and VDD at the same time, see the "INTOSC: VDDOSC Powered
Without VDD Can Cause INTOSC Frequency Drift" advisory in the TMS320F2807x MCUs Silicon Errata.
There is an internal 12.8-mA current source from VDD3VFL to VDD when the flash is active. When the flash
is active and the device is in a low-activity state (for example, a low-power mode), this internal current
source can cause VDD to rise to approximately 1.3 V . There will be zero current load to the external
system VDD regulator while in this condition. This is not an issue for most regulators; however, if the
system voltage regulator requires a minimum load for proper operation, then an external 82Ω resistor can
be added to the board to ensure a minimal current load on VDD. See the "Low-Power Modes: Power Down
Flash or Maintain Minimum Device Activity" advisory in the TMS320F2807x MCUs Silicon Errata.
5.9.1.2.4 Supply Ramp Rate
The supplies should ramp to full rail within 10 ms. Table 5-4 shows the supply ramp rate.
Table 5-4. Supply Ramp Rate
MIN
MAX
UNIT
Supply ramp rate
VDDIO, VDD, VDDA, VDD3VFL, VDDOSC with respect to VSS
330
105
V/s
5.9.1.2.5 Supply Supervision
An internal power-on-reset (POR) circuit keeps the I/Os in a high-impedance state during power up.
External supply voltage supervisors (SVS) can be used to monitor the voltage on the 3.3-V and 1.2-V rails
and drive XRS low when supplies are outside operational specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com