전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XIO2000AZAV 데이터시트(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
부품명 XIO2000AZAV
상세설명  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AZAV 데이터시트(HTML) 67 Page - Texas Instruments

Back Button XIO2000AZAV Datasheet HTML 63Page - Texas Instruments XIO2000AZAV Datasheet HTML 64Page - Texas Instruments XIO2000AZAV Datasheet HTML 65Page - Texas Instruments XIO2000AZAV Datasheet HTML 66Page - Texas Instruments XIO2000AZAV Datasheet HTML 67Page - Texas Instruments XIO2000AZAV Datasheet HTML 68Page - Texas Instruments XIO2000AZAV Datasheet HTML 69Page - Texas Instruments XIO2000AZAV Datasheet HTML 70Page - Texas Instruments XIO2000AZAV Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 165 page
background image
Classic PCI Configuration Space
58
April 2007 Revised October 2008
SCPS155C
4.18 Memory Base Register
This read/write register specifies the lower limit of the memory addresses that the bridge forwards
downstream. See Table 4−9 for a complete description of the register contents.
PCI register offset:
20h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−9. Memory Base Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
MEMBASE
RW
Memory base. Defines the lowest address of the memory address range that determines when to
forward memory transactions from one interface to the other. These bits correspond to address bits
[31:20] in the memory address. The lower 20 bits are assumed to be 00000h.
3:0
RSVD
R
Reserved. Returns 0h when read.
4.19 Memory Limit Register
This read/write register specifies the upper limit of the memory addresses that the bridge forwards
downstream. See Table 4−10 for a complete description of the register contents.
PCI register offset:
22h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−10. Memory Limit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
MEMLIMIT
RW
Memory limit. Defines the highest address of the memory address range that determines when to
forward memory transactions from one interface to the other. These bits correspond to address bits
[31:20] in the memory address. The lower 20 bits are assumed to be FFFFFh.
3:0
RSVD
R
Reserved. Returns 0h when read.
4.20 Prefetchable Memory Base Register
This read/write register specifies the lower limit of the prefetchable memory addresses that the bridge forwards
downstream. See Table 4−11 for a complete description of the register contents.
PCI register offset:
24h
Register type:
Read-only, Read/Write
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 4−11. Prefetchable Memory Base Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
PREBASE
RW
Prefetchable memory base. Defines the lowest address of the prefetchable memory address range
that determines when to forward memory transactions from one interface to the other. These bits
correspond to address bits [31:20] in the memory address. The lower 20 bits are assumed to be
00000h. The prefetchable base upper 32 bits register (offset 28h, see Section 4.22) specifies
bits [63:32] of the 64-bit prefetchable memory address.
3:0
64BIT
R
64-bit memory indicator. These read-only bits indicate that 64-bit addressing is supported for this
memory window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com