| 전자부품 데이터시트 검색엔진 |
|
SC9149AL 데이터시트(PDF) 1 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC9149AL 데이터시트(HTML) 1 Page - Silan Microelectronics Joint-stock |
|
1 / 13 page ![]() Silan Semiconductors SC9149A/SC9150A HANGZHOU SILAN MICROELECTRONICS CO.,LTD. Rev: 1.2 2003.01.21 1 INFRARED REMOTE CONTROL RECEIVER DESCRIPTION The SC9149A/SC9150A are CMOS LSIs designed for use on the infrared remote control receiver, and when this LSI is used in combination with SC9148A for transmitter, the remote control system can be constructed. The SC9149A is DIP-16 type and is capable of controlling 10 functions, while the SC9150A is DIP-24 type and is capable of controlling 18 functions. FEATURES * Able to output parallel multiple keying signals sent from the transmitter (The SC9149A is able to output parallel up to 5 functions, while the SC9150A is able to output parallel up to 6 functions.) * Output for single pulse, hold pulse and cyclic pulse are provided. (cyclic pulse is available only for SC9150A) * A single terminal type oscillator by means of CR is provided. * Code detection circuit provided for code check with the transmitter prevents inter-ferences from various types of machines and apparatus. SDIP-24 DIP-16 SC9149A SC9150A ORDERING INFORMATION SC9149A Advanced version DIP-16 package SC9149AL Advanced Dependent cyclic (toggle) Outputs SC9149AHN Inversed Rxin input Output format same as “L”, except that when HP1 or HP2 is active, it will clear CP1. SC9150A Advanced version DIP-24 package PIN CONFIGURATION SC9149AL/ 9149AHN 15 16 14 12 13 11 10 9 2 1 3 5 4 6 7 8 GND Rx IN HP1 HP2 HP3 HP4 HP5 CP2 CP1 SP3 SP2 SP1 CODE 3 CODE 2 OSC VDD SC9149A 15 16 14 12 13 11 10 9 2 1 3 5 4 6 7 8 GND Rx IN HP1 HP2 HP3 HP4 HP5 SP5 SP4 SP3 SP2 SP1 CODE 3 CODE 2 OSC VDD SC9150A 15 16 14 12 13 2 1 3 5 4 6 7 8 9 10 11 19 20 18 17 23 24 22 21 GND Rx IN HP1 HP2 HP3 HP4 HP5 HP6 CP2 CP1 SP10 SP9 SP8 SP7 SP6 SP5 SP4 SP3 SP2 SP1 CODE 2 CODE 1 OSC VDD |
유사한 부품 번호 - SC9149AL |
|
유사한 설명 - SC9149AL |