전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DB101 데이터시트(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

부품명 DB101
상세설명  BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
홈페이지  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DB101 데이터시트(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DB101 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DB101 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101-DB107
Features
· Glass Passivated Die Construction
· Low leakage
· Ideal for printed circuit board
· Surge overload rating-30A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-O
Mechanical Data
· Case:Reliable low cost construction
utilizing molded plastic technique
· Terminals:Plated Leads Solderable per
MIL-STD-202,Method208
· Polarity:As Marked on Case
· Mounting Position:Any
· Marking:Type Number
Maximum Ratings and Electrical Characteristics @TA=25℃ unless otherwise specified
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol DB101 DB102 DB103 DB104 DB105 DB106 DB107 UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average forward output rectified
current @TA=40℃
I(AV)
1
Peak forward surge current 8.3ms single
sine-wave superimposed on rated load(JEDEC
Method)
IFSM
30
A
Maximum instantaneous forward voltage drop
per diode @1.0A
VF
1.1
V
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
IR
5.0
500
uA
Typical thermal resistance per leg (Note1)
RθJA
40
℃/W
RθJL
15
Operating junction temperature range
TJ
-55 to +150
℃
storage temperature range
Tstg
-55 to +150
℃
Note:
1.Mounted on glass epoxy PC board with 1.3mm² solder pad.
2.Mounted on aluminum substrate PC board with 1.3mm² solder pad.
3.Measured at 1.0MHz and applied reverse of 4.0V D.C.
A
BRIDGE RECTIFIERS
DB-1
http://www.trr-jx.com
version: 02


유사한 부품 번호 - DB101

제조업체부품명데이터시트상세설명
logo
Surge Components
DB101 SURGE-DB101 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB101 DCCOM-DB101 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

유사한 설명 - DB101

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com