| 전자부품 데이터시트 검색엔진 |
|
UMB10F. 데이터시트(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
UMB10F. 데이터시트(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
2 / 3 page ![]() 20 30 40 00 10 100 1 Fig.5 Maximum Non-Repetitive Peak Forward Surage Current Number of Cycles 8.3 ms Single Half Sine Wave (JEDEC Method) Fig.4 Typical Junction Capacitance 1.0 10 100 0.1 1 10 100 Reverse Voltage (V) T =25 J °C 0.5 1.0 1.5 2.0 0.0 Fig.3 Typical Instaneous Forward Characteristics 0.0 0.01 0.1 1.0 10 Instaneous Forward Voltage (V) T =25 J °C pulse with 300μs 1% duty cycle 0.2 0.4 0.6 1.0 1.2 0.0 25 50 75 100 125 150 175 Fig.1 Derating Curve Average Rectified Output Current Case Temperature ( °C) Fig.2 Typical Reverse Characteristics 0.1 1.0 10 100 20 40 60 80 100 120 00 140 percent of Rated Peak Voltage (%) Reverse T =125 J °C T =25 J °C Resistive or Inductive Load 0.8 10 http://www.trr-jx.com version: 02 Characteristic Curves (T A=25 ℃ unless otherwise noted) UMB10F. SURFACE MOUNT BRIDGE RECTIFIERS |