전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSWM41DI2 데이터시트(PDF) 10 Page - Seoul Semiconductor

부품명 SSWM41DI2
상세설명  Side View LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSWM41DI2 데이터시트(HTML) 10 Page - Seoul Semiconductor

Back Button SSWM41DI2 Datasheet HTML 6Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 7Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 8Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 9Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 10Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 11Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 12Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 13Page - Seoul Semiconductor SSWM41DI2 Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.seoulsemicon.com
Product Data Sheet
SSWM41DI2 –Side View LED
11
Rev1.0, November 22, 2019
Color Bin Structure
Fig 11. CIE Chromaticity Diagram
Table 5. Color Rank
Rank
x1
y1
x2
y2
Rank
x1
y1
x2
y2
x3
y3
x4
y4
x3
y3
x4
y4
A20
0.2640
0.2420
0.2685
0.2495
A30
0.2680
0.2380
0.2723
0.2453
0.2723
0.2453
0.2680
0.2380
0.2760
0.2410
0.2720
0.2340
B20
0.2685
0.2495
0.2730
0.2570
B30
0.2723
0.2453
0.2765
0.2525
0.2765
0.2525
0.2723
0.2453
0.2800
0.2480
0.2760
0.2410
C20
0.2730
0.2570
0.2775
0.2645
C30
0.2765
0.2525
0.2808
0.2598
0.2808
0.2598
0.2765
0.2525
0.2840
0.2550
0.2800
0.2480
D20
0.2775
0.2645
0.2820
0.2720
D30
0.2808
0.2598
0.2850
0.2670
0.2850
0.2670
0.2808
0.2598
0.2880
0.2620
0.2840
0.2550
E20
0.2820
0.2720
0.2865
0.2795
E30
0.2850
0.2670
0.2893
0.2743
0.2893
0.2743
0.2850
0.2670
0.2920
0.2690
0.2880
0.2620
F20
0.2865
0.2795
0.2910
0.2870
F30
0.2893
0.2743
0.2935
0.2815
0.2935
0.2815
0.2893
0.2743
0.2960
0.2760
0.2920
0.2690
G20
0.2910
0.2870
0.2950
0.2940
G30
0.2935
0.2815
0.2975
0.2885
0.2975
0.2885
0.2935
0.2815
0.3000
0.2830
0.2960
0.2760
H20
0.2950
0.2940
0.2990
0.3010
H30
0.2975
0.2885
0.3015
0.2955
0.3015
0.2955
0.2975
0.2885
0.3040
0.2900
0.3000
0.2830
* Measurement Uncertainty of the Color Coordinates is ±0.005
0.26
0.27
0.28
0.29
0.30
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
H20
G20
F20
E20
D20
C20
B20
A20
Color Coordinate x
H30
G30
F30
E30
D30
C30
B30
A30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22