| 전자부품 데이터시트 검색엔진 |
|
LAN7430/Y9X 데이터시트(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN7430/Y9X 데이터시트(HTML) 49 Page - Microchip Technology |
|
49 / 77 page ![]() 2018-2019 Microchip Technology Inc. DS00002631D-page 49 LAN7430/LAN7431 7.3 Package Thermal Specifications 7.3.1 48-SQFN (LAN7430 ONLY) 7.3.2 72-SQFN (LAN7431 ONLY) TABLE 7-1: 48-SQFN PACKAGE THERMAL PARAMETERS Symbol °C/W Velocity (Meters/s) JA 26.4 0 23.1 1 JT 0.2 0 0.3 1 JC 1.8 N/A Note: Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51. TABLE 7-2: 72-SQFN PACKAGE THERMAL PARAMETERS Symbol °C/W Velocity (Meters/s) JA 20.6 0 18.0 1 JT 0.1 0 0.2 1 JC 1.6 N/A Note: Thermal parameters are measured or estimated for devices in a multi-layer 2S2P PCB per JESDN51. |