| 전자부품 데이터시트 검색엔진 |
|
ES9038PRO 데이터시트(PDF) 13 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9038PRO 데이터시트(HTML) 13 Page - ESS Technology,Inc |
|
13 / 58 page ![]() March 5, 2019 CONFIDENTIAL ADVANCE INFORMATION v3.6 ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC 13 ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643- 8800 • Fax (408) 643-8801 Audio Interface Formats Several digital audio transport formats are supported to allow direct connection to common audio processors. Auto detection circuitry is enabled by default to detect the input format. The input mode can be explicitly set using Register 1: Input selection. The following diagrams outline the supported formats (using stereo 2-channel inputs as an example). PCM LJ, RJ and I2S Formats The following number of BCLK edges are present per frame (left plus right): o 16-bit mode: 32 BCLKs o 24-bit mode: 48 BCLKs o 32-bit mode: 64 BCLKs 31 30 29 2 1 0 31 30 29 2 1 0 23 22 21 2 1 0 23 22 21 2 1 0 SD 32-bit MSB LSB MSB LSB MSB MSB LSB LSB 19 18 17 2 1 0 19 18 17 2 1 0 MSB MSB LSB LSB 15 14 13 2 1 0 15 14 13 2 1 0 MSB MSB LSB LSB 23 22 MSB MSB 19 18 MSB 15 14 MSB 31 30 SD 24-bit SD 20bit SD 16bit BCLK LRCLK LEFT RIGHT LEFT JUSTIFIED FORMAT 31 30 29 2 1 0 31 30 29 2 1 0 23 22 21 2 1 0 23 22 21 2 1 0 SD 32-bit MSB LSB MSB LSB MSB MSB LSB LSB 19 18 17 2 1 0 19 18 17 2 1 0 MSB MSB LSB LSB 15 14 13 2 1 0 15 14 13 2 1 0 MSB MSB LSB LSB MSB 31 30 SD 24-bit SD 20bit SD 16bit BCLK LRCLK LEFT RIGHT RIGHT JUSTIFIED FORMAT 31 30 29 2 1 0 31 30 29 2 1 0 23 22 21 2 1 0 23 22 21 2 1 0 SD 32-bit MSB LSB MSB LSB MSB MSB LSB LSB 19 18 17 2 1 0 19 18 17 2 1 0 MSB MSB LSB LSB 15 14 13 2 1 0 15 14 13 2 1 0 MSB MSB LSB LSB 23 22 MSB MSB 19 18 MSB 15 14 MSB 31 30 SD 24-bit SD 20bit SD 16bit BCLK LRCLK LEFT RIGHT I2S FORMAT |