| 전자부품 데이터시트 검색엔진 |
|
DMB71DM24 데이터시트(PDF) 3 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
DMB71DM24 데이터시트(HTML) 3 Page - Carlo Gavazzi Holding AG |
|
3 / 4 page ![]() Specifications are subject to change without notice (18.06.07) 3 DMB51, DMB71 Mode of Operation (cont.) Function R Symmetrical recycler, ON- time period first The relay operates and the time period begins as soon as the input contact is closed. After the set delay period the relay releases for the same time period. This sequence continues with equal ON- and OFF-time periods until the power sup- ply is interrupted. Function Rb Symmetrical recycler, OFF-time period first The time period begins as soon as the input contact is closed. The relay is OFF during the set delay period, after this time it operates for the same time period. This sequence continues with equal OFF- and ON-time periods until the power sup- ply is interrupted. Additional Load It's possible to wire an addi- tional load (i.e. a relay) between pins Y1 and A2, driven by the trigger contact without damaging the device. Yellow LED working mode Timing: Slow blinking Relay ON: See operation diagrams Incorrect knobs position: Fast blinking Operating Diagrams Powersupply RelayON Triggerinput T T LED FunctionOp-Delayonoperate-Manualstart Powersupply RelayON T T LED FunctionOp-Delayonoperate-Automaticstart Powersupply RelayON Triggerinput T T LED FunctionIn-Interval-Manualstart Powersupply RelayON T LED FunctionIn-Interval-Automaticstart T ON OFF ON OFF ON OFF ON OFF FunctionIo-Intervalontriggeropen Powersupply RelayON Triggerinput T T LED FunctionId-Doubleinterval Powersupply RelayON Triggerinput T T LED ON OFF ON OFF |