전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28027DAS 데이터시트(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320F28027DAS
상세설명  TMS320F2802x Microcontrollers
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DAS 데이터시트(HTML) 60 Page - Texas Instruments

Back Button TMS320F28027DAS Datasheet HTML 56Page - Texas Instruments TMS320F28027DAS Datasheet HTML 57Page - Texas Instruments TMS320F28027DAS Datasheet HTML 58Page - Texas Instruments TMS320F28027DAS Datasheet HTML 59Page - Texas Instruments TMS320F28027DAS Datasheet HTML 60Page - Texas Instruments TMS320F28027DAS Datasheet HTML 61Page - Texas Instruments TMS320F28027DAS Datasheet HTML 62Page - Texas Instruments TMS320F28027DAS Datasheet HTML 63Page - Texas Instruments TMS320F28027DAS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 135 page
background image
The PLL-based clock module provides four modes of operation:
• INTOSC1 (Internal Zero-pin Oscillator 1): This is the on-chip internal oscillator 1. This can provide the clock
for the Watchdog block, core and CPU-Timer 2
• INTOSC2 (Internal Zero-pin Oscillator 2): This is the on-chip internal oscillator 2. This can provide the clock
for the Watchdog block, core and CPU-Timer 2. Both INTOSC1 and INTOSC2 can be independently chosen
for the Watchdog block, core and CPU-Timer 2.
• Crystal/Resonator Operation: The on-chip (crystal) oscillator enables the use of an external crystal/
resonator attached to the device to provide the time base. The crystal/resonator is connected to the X1/X2
pins. Some devices may not have the X1/X2 pins. See Section 7.2.1 for details.
• External Clock Source Operation: If the on-chip (crystal) oscillator is not used, this mode allows it to be
bypassed. The device clocks are generated from an external clock source input on the XCLKIN pin. The
XCLKIN is multiplexed with GPIO19 or GPIO38 pin. The XCLKIN input can be selected as GPIO19 or
GPIO38 through the XCLKINSEL bit in XCLK register. The CLKCTL[XCLKINOFF] bit disables this clock input
(forced low). If the clock source is not used or the respective pins are used as GPIOs, the user should disable
at boot time.
Before changing clock sources, ensure that the target clock is present. If a clock is not present, then that clock
source must be disabled (using the CLKCTL register) before switching clocks.
Table 9-16. Possible PLL Configuration Modes
PLL MODE
REMARKS
PLLSTS[DIVSEL]
CLKIN AND
SYSCLKOUT
PLL Off
Invoked by the user setting the PLLOFF bit in the PLLSTS register. The PLL block
is disabled in this mode. This can be useful to reduce system noise and for low-
power operation. The PLLCR register must first be set to 0x0000 (PLL Bypass)
before entering this mode. The CPU clock (CLKIN) is derived directly from the
input clock on either X1/X2, X1 or XCLKIN.
0, 1
2
3
OSCCLK/4
OSCCLK/2
OSCCLK/1
PLL Bypass
PLL Bypass is the default PLL configuration upon power-up or after an external
reset ( XRS). This mode is selected when the PLLCR register is set to 0x0000 or
while the PLL locks to a new frequency after the PLLCR register has been
modified. In this mode, the PLL is bypassed but the PLL is not turned off.
0, 1
2
3
OSCCLK/4
OSCCLK/2
OSCCLK/1
PLL Enable
Achieved by writing a nonzero value n into the PLLCR register. Upon writing to the
PLLCR the device will switch to PLL Bypass mode until the PLL locks.
0, 1
2
3
OSCCLK * n/4
OSCCLK * n/2
OSCCLK * n/1
9.6.4 Loss of Input Clock (NMI Watchdog Function)
The 2802x devices may be clocked from either one of the internal zero-pin oscillators (INTOSC1/INTOSC2), the
on-chip crystal oscillator, or from an external clock input. Regardless of the clock source, in PLL-enabled and
PLL-bypass mode, if the input clock to the PLL vanishes, the PLL will issue a limp-mode clock at its output. This
limp-mode clock continues to clock the CPU and peripherals at a typical frequency of 1–5 MHz.
When the limp mode is activated, a CLOCKFAIL signal is generated that is latched as an NMI interrupt.
Depending on how the NMIRESETSEL bit has been configured, a reset to the device can be fired immediately or
the NMI watchdog counter can issue a reset when it overflows. In addition to this, the Missing Clock Status
(MCLKSTS) bit is set. The NMI interrupt could be used by the application to detect the input clock failure and
initiate necessary corrective action such as switching over to an alternative clock source (if available) or initiate a
shut-down procedure for the system.
If the software does not respond to the clock-fail condition, the NMI watchdog triggers a reset after a
preprogrammed time interval. Figure 9-11 shows the interrupt mechanisms involved.
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com