전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28027DASR 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320F28027DASR
상세설명  TMS320F2802x Microcontrollers
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28027DASR 데이터시트(HTML) 21 Page - Texas Instruments

Back Button TMS320F28027DASR Datasheet HTML 17Page - Texas Instruments TMS320F28027DASR Datasheet HTML 18Page - Texas Instruments TMS320F28027DASR Datasheet HTML 19Page - Texas Instruments TMS320F28027DASR Datasheet HTML 20Page - Texas Instruments TMS320F28027DASR Datasheet HTML 21Page - Texas Instruments TMS320F28027DASR Datasheet HTML 22Page - Texas Instruments TMS320F28027DASR Datasheet HTML 23Page - Texas Instruments TMS320F28027DASR Datasheet HTML 24Page - Texas Instruments TMS320F28027DASR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
8.5.5 Current Consumption Graphs (VREG Enabled)
Operational Current vs Frequency
0
10
20
30
40
50
60
70
80
90
100
10
15
20
25
30
35
40
45
50
55
60
SYSCLKOUT (MHz)
IDDIO (m A)
IDDA
Figure 8-1. Typical Operational Current Versus Frequency (F2802x/F280200)
Operational Pow er vs Frequency
200
250
300
350
400
450
10
15
20
25
30
35
40
45
50
55
60
SYSCLKOUT (MHz)
Figure 8-2. Typical Operational Power Versus Frequency (F2802x/F280200)
8.6 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOH
High-level output voltage
IOH = IOH MAX
2.4
V
IOH = 50 μA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOL MAX
0.4
V
IIL
Input current
(low level)
Pin with pullup
enabled
VDDIO = 3.3 V, VIN = 0 V
All GPIO
–80
–140
–205
μA
XRS pin
–225
–290
–360
Pin with pulldown
enabled
VDDIO = 3.3 V, VIN = 0 V
±2
www.ti.com
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com