| 전자부품 데이터시트 검색엔진 |
|
ST2-DC48V 데이터시트(PDF) 3 Page - Nais(Matsushita Electric Works) |
|
|
|||||||||||||||||||||||||||||
ST2-DC48V 데이터시트(HTML) 3 Page - Nais(Matsushita Electric Works) |
|
3 / 3 page ![]() ST 251 4. Influence of adjacent mounting Sample: ST1-DC24V 5. Max. ambient temperature by operating power 6. Contact reliability (1) (2) (3) (1) & (3) relays are energized. Inter-relay distance, mm 5 101520 –20 –10 0 10 20 Drop-out Pick-up 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 10 20 30 40 50 60 70 80 90 100 110 120 Operating power, mW No load 8 A carrying 250 V AC 0.1 0.2 0.3 0.5 0.7 0.9 0.4 0.6 0.8 1.0 2.0 3.0 5.07.0 9.0 10 A m = 3.9 η = 16.8×104 ρ 0.95 = 7.7 ×10 4 8 A m = 3.5 η = 3.3×105 ρ 0.95 = 1.4 ×10 5 No. of operations, ×105 0.1 0.15 0.3 0.4 0.5 1.0 0.2 2.0 3.0 4.0 5.0 1.5 10.0 15.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 95.0 99.0 99.8 99.9 25.0 (%) ST-Relay 250 V AC cos ϕ = 1.0 0.33 Hz . . ST relay socket ST-SS Solder terminal socket ST-PS PC board terminal socket Specifications Breakdown voltage 4,000 Vrms Coil/Contacts 2,000 Vrms Contacts/Contacts Insulation resistance More than 1,000 M Ω between terminals Heat resistance 150 °C (302°F) for 1 hr Max. continuous current 10 A Relay insertion life 15 times DIMENSIONS mm inch ST-PS ST-SS 31.6 1.244 35.4 1.394 16.6 .654 8 1 7 2 6 3 5 4 14.6 .575 16.4 .646 10.16 .400 1.05 .041 0.3 .012 5.5 .217 4 .158 4.3 .169 0.27 .011 10.16 .400 7.62 .300 7.62 .300 31.6 1.244 35.4 1.394 16.6 .654 8 1 7 2 6 3 5 4 14.6 .575 16.4 .646 10.16 .400 2.3 .090 0.3 .012 5.5 .217 4 .158 5.3 .209 0.27 .011 10.16 .400 7.62 .300 7.62 .300 Precautions for use (socket) 1. PC board mounting method PC board pattern The terminal configuration is symmetrical on the left and right, so an arrow mark ; is stamped on the socket to prevent mis- insertion. We recommend printing the same arrow mark ; on the component mounting side (side opposite from pat- tern) of the PC board. In this case, the ter- minal configuration becomes the terminal nos. noted near the drilling holes. 2. Chassis cutout Chassis cutting dimensions 2.54 .100 8-1.5 DIA. 8-.060 DIA. 87 6 5 12 3 4 2.54 .100 Contact terminal interval Coil terminal interval 15.0 ±0.2 .591 ±.008 32.5 ±0.1 1.280 ±.004 If the chassis hole is punched with a press, set so the release R on the front side (A side). The range for chassis thickness is 0.6 to 2.2 mm .024 to .087 inch . 3. Relay mounting and removal (1) Align the directions of the relay and socket. Claw for chassis fastening Chassis t = 0.6 to 2.2 .024 to .087 Press A side Relay (2) Insert the relay all the way in, so it is secure- ly in place. (3) Press the part indicated by A in the B direc- tion, and fasten by placing the hook on the re- lay. (4). When removing the relay, completely re- lease the hooks on both sides and pull the relay out. Hinge mechanism Relay case cross-section B (Fastening complete) (Before fastening) A For Cautions for Use, see Relay Technical Information (Page 48 to 76). 9/1/2000 All Rights Reserved, © Copyright Matsushita Electric Works, Ltd. Go To Online Catalog |