전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28075PZPQ 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320F28075PZPQ
상세설명  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZPQ 데이터시트(HTML) 1 Page - Texas Instruments

  TMS320F28075PZPQ Datasheet HTML 1Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 2Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 3Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 4Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 5Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 6Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 7Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 8Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 192 page
background image
TMS320F2807x Microcontrollers
1 Features
• TMS320C28x 32-bit CPU
– 120 MHz
– IEEE 754 single-precision Floating-Point Unit
(FPU)
– Trigonometric Math Unit (TMU)
• Programmable Control Law Accelerator (CLA)
– 120 MHz
– IEEE 754 single-precision floating-point
instructions
– Executes code independently of main CPU
• On-chip memory
– 512KB (256KW) of flash (ECC-protected)
– 100KB (50KW) of RAM (ECC-protected or
parity-protected)
– Dual-zone security supporting third-party
development
– Unique identification number
• Clock and system control
– Two internal zero-pin 10-MHz oscillators
– On-chip crystal oscillator
– Windowed watchdog timer module
– Missing clock detection circuitry
• 3.3-V I/O with available internal voltage regulator
for 1.2-V core supply
• System peripherals
– External Memory Interface (EMIF) with ASRAM
and SDRAM support
– 6-channel Direct Memory Access (DMA)
controller
– Up to 97 individually programmable,
multiplexed General-Purpose Input/Output
(GPIO) pins with input filtering
– Expanded Peripheral Interrupt controller (ePIE)
– Multiple Low-Power Mode (LPM) support with
external wakeup
• Communications peripherals
– USB 2.0 (MAC + PHY)
– Two Controller Area Network (CAN) modules
(pin-bootable)
– Three high-speed (up to 30-MHz) SPI ports
(pin-bootable)
– Two Multichannel Buffered Serial Ports
(McBSPs)
– Four Serial Communications Interfaces (SCI/
UART) (pin-bootable)
– Two I2C interfaces (pin-bootable)
• Analog subsystem
– Up to three Analog-to-Digital Converters
(ADCs)
• 12-bit mode
– 3.1 MSPS each (up to 9.3-MSPS system
throughput)
– Single-ended inputs
– Up to 17 external channels
• Single Sample-and-Hold (S/H) on each ADC
• Hardware-integrated post-processing of
ADC conversions
– Saturating offset calibration
– Error from setpoint calculation
– High, low, and zero-crossing compare,
with interrupt capability
– Trigger-to-sample delay capture
– Eight windowed comparators with 12-bit Digital-
to-Analog Converter (DAC) references
– Three 12-bit buffered DAC outputs
• Enhanced control peripherals
– 24 PWM channels with enhanced features
– 16 High-Resolution Pulse Width Modulator
(HRPWM) channels
• High resolution on both A and B channels of
8 PWM modules
• Dead-band support (on both standard and
high resolution)
– Six Enhanced Capture (eCAP) modules
– Three Enhanced Quadrature Encoder Pulse
(eQEP) modules
– Up to eight Sigma-Delta Filter Module (SDFM)
input channels, 2 parallel filters per channel
• Standard SDFM data filtering
• Comparator filter for fast action for out of
range
• Configurable Logic Block (CLB)
– Augments existing peripheral capability
– Supports position manager solutions
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262
system design up to ASIL D; IEC 61508 up to
SIL 3; IEC 60730 up to Class C; and UL 1998
up to Class 2
– Hardware integrity up to ASIL B, SIL 2
• Safety-related certification
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TMS320F28076 TMS320F28075
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - TMS320F28075PZPQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMS320F28075PZPQ TI1-TMS320F28075PZPQ Datasheet
1Mb / 182P
Microcontrollers
TMS320F28075PZPQ TI1-TMS320F28075PZPQ Datasheet
2Mb / 188P
Piccolo Microcontrollers
TMS320F28075PZPQ TI-TMS320F28075PZPQ Datasheet
2Mb / 196P
TMS320F2807x Microcontrollers
More results

유사한 설명 - TMS320F28075PZPQ

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
logo
Texas Instruments
TMS320F28076 TI-TMS320F28076_V01 Datasheet
2Mb / 196P
TMS320F2807x Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com