전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F280049CPMS 데이터시트(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
부품명 F280049CPMS
상세설명  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

F280049CPMS 데이터시트(HTML) 39 Page - Texas Instruments

Back Button F280049CPMS Datasheet HTML 35Page - Texas Instruments F280049CPMS Datasheet HTML 36Page - Texas Instruments F280049CPMS Datasheet HTML 37Page - Texas Instruments F280049CPMS Datasheet HTML 38Page - Texas Instruments F280049CPMS Datasheet HTML 39Page - Texas Instruments F280049CPMS Datasheet HTML 40Page - Texas Instruments F280049CPMS Datasheet HTML 41Page - Texas Instruments F280049CPMS Datasheet HTML 42Page - Texas Instruments F280049CPMS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 230 page
background image
6.4 Pin Multiplexing
6.4.1 GPIO Muxed Pins
Table 1-1 lists the GPIO muxed pins. The default mode for each GPIO pin is the GPIO function, except GPIO35
and GPIO37, which default to TDI and TDO, respectively. Secondary functions can be selected by setting both
the GPyGMUXn.GPIOz and GPyMUXn.GPIOz register bits. The GPyGMUXn register should be configured
before the GPyMUXn to avoid transient pulses on GPIOs from alternate mux selections. Columns that are not
shown and blank cells are reserved GPIO Mux settings.
Note
GPIO20, GPIO21, and GPIO41 to GPIO55 are not available on any packages. Boot ROM enables
pullups on these pins. For more details, see Section 6.5.
Table 6-6. GPIO Muxed Pins
0, 4, 8, 12
1
2
3
5
6
7
9
10
11
13
14
15
GPIO0
EPWM1_A
I2CA_SDA
GPIO1
EPWM1_B
I2CA_SCL
GPIO2
EPWM2_A
OUTPUTXB
AR1
PMBUSA_S
DA
SCIA_TX
FSIRXA_D1
GPIO3
EPWM2_B
OUTPUTXB
AR2
OUTPUTXB
AR2
PMBUSA_S
CL
SPIA_CLK
SCIA_RX
FSIRXA_D0
GPIO4
EPWM3_A
OUTPUTXB
AR3
CANA_TX
FSIRXA_CL
K
GPIO5
EPWM3_B
OUTPUTXB
AR3
CANA_RX
SPIA_STE
FSITXA_D1
GPIO6
EPWM4_A
OUTPUTXB
AR4
SYNCOUT
EQEP1_A
CANB_TX
SPIB_SOMI FSITXA_D0
GPIO7
EPWM4_B
OUTPUTXB
AR5
EQEP1_B
CANB_RX
SPIB_SIMO
FSITXA_CL
K
GPIO8
EPWM5_A
CANB_TX
ADCSOCA
O
EQEP1_ST
ROBE
SCIA_TX
SPIA_SIMO
I2CA_SCL
FSITXA_D1
GPIO9
EPWM5_B
SCIB_TX
OUTPUTXB
AR6
EQEP1_IND
EX
SCIA_RX
SPIA_CLK
FSITXA_D0
GPIO10
EPWM6_A
CANB_RX
ADCSOCB
O
EQEP1_A
SCIB_TX
SPIA_SOMI
I2CA_SDA
FSITXA_CL
K
GPIO11
EPWM6_B
SCIB_RX
OUTPUTXB
AR7
EQEP1_B
SCIB_RX
SPIA_STE
FSIRXA_D1
GPIO12
EPWM7_A
CANB_TX
EQEP1_ST
ROBE
SCIB_TX
PMBUSA_C
TL
FSIRXA_D0
GPIO13
EPWM7_B
CANB_RX
EQEP1_IND
EX
SCIB_RX
PMBUSA_A
LERT
FSIRXA_CL
K
GPIO14
EPWM8_A
SCIB_TX
OUTPUTXB
AR3
PMBUSA_S
DA
SPIB_CLK
EQEP2_A
GPIO15
EPWM8_B
SCIB_RX
OUTPUTXB
AR4
PMBUSA_S
CL
SPIB_STE
EQEP2_B
GPIO16
SPIA_SIMO
CANB_TX
OUTPUTXB
AR7
EPWM5_A
SCIA_TX
SD1_D1
EQEP1_ST
ROBE
PMBUSA_S
CL
XCLKOUT
GPIO17
SPIA_SOMI
CANB_RX
OUTPUTXB
AR8
EPWM5_B
SCIA_RX
SD1_C1
EQEP1_IND
EX
PMBUSA_S
DA
GPIO18_X2
SPIA_CLK
SCIB_TX
CANA_RX
EPWM6_A
I2CA_SCL
SD1_D2
EQEP2_A
PMBUSA_C
TL
XCLKOUT
GPIO20
GPIO21
GPIO22_VF
BSW
EQEP1_ST
ROBE
SCIB_TX
SPIB_CLK
SD1_D4
LINA_TX
GPIO23_VS
W
GPIO24
OUTPUTXB
AR1
EQEP2_A
EPWM8_A
SPIB_SIMO
SD1_D1
PMBUSA_S
CL
SCIA_TX
ERRORSTS
GPIO25
OUTPUTXB
AR2
EQEP2_B
SPIB_SOMI
SD1_C1
FSITXA_D1
PMBUSA_S
DA
SCIA_RX
GPIO26
OUTPUTXB
AR3
EQEP2_IND
EX
OUTPUTXB
AR3
SPIB_CLK
SD1_D2
FSITXA_D0
PMBUSA_C
TL
I2CA_SDA
GPIO27
OUTPUTXB
AR4
EQEP2_ST
ROBE
OUTPUTXB
AR4
SPIB_STE
SD1_C2
FSITXA_CL
K
PMBUSA_A
LERT
I2CA_SCL
www.ti.com
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More