| 전자부품 데이터시트 검색엔진 |
|
ICS9DB306BLLFT 데이터시트(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB306BLLFT 데이터시트(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 16 page ![]() 9DB306BL www.icst.com/products/hiperclocks.html REV. A APRIL 7, 2005 5 Integrated Circuit Systems, Inc. ICS9DB306 PCI EXPRESS, JITTER ATTENUATOR TYPICAL PHASE NOISE AT 100MHZ 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 1k 10k 100k 1M 10M 100M 100MHz RMS Phase Jitter (Random) 1.5MHz to 22MHz = 3ps (typical) OFFSET FREQUENCY (HZ) Phase Noise Result by adding PCI Express™ Filter to raw data PCI Express™ Filter The illustrated phase noise plot was taken using a low phase noise signal generator, the noise floor of the signal generator is less than that of the device under test. Using this configuration allows one to see the true spectral pu- rity or phase noise performance of the PLL in the device under test. Due to the tracking ability of a PLL, it will track the input signal up to its loop bandwidth.Therefore, if the input phase noise is greater than that of the VCO, it will increase the output phase noise performance of the device. It is recommended that the phase noise performance of the input is verified in order to achieve the above phase noise performance. Raw Phase Noise Data |