전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MA3 데이터시트(PDF) 2 Page - Carlo Gavazzi Holding AG

부품명 MA3
상세설명  Proximity Magnetic Sensors Rectangular Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
홈페이지  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

MA3 데이터시트(HTML) 2 Page - Carlo Gavazzi Holding AG

  MA3 Datasheet HTML 1Page - Carlo Gavazzi Holding AG MA3 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (26.10.11)
M and MS Series
Operating Distance
Magnetic Units
CL1
CL2
CL3
CL4
MSA1 (1), MA3, MS1
10
15
22
35
MC3
7/2*
13/5*
17/7*
30/15*
Distances are specified in millimeters (mm)
xx/xx: operating distance (for all Output functions); xx/xx*: reswitching contact distance.
Outside the above mentioned range, the sensor mantains the initial state.
(1) MSA1 is already supplied together with CL2
Wiring Diagrams
blue
black
brown
white
MSA1
Dimensions
Output function NO
Output function CO
black
blue
black
blue
yellow
white
brown
black
blue
3.4
2.5
37
4.1
16
5.3
8.3
2.8
Output function NC
blue
yellow



Html Pages

1 2