| 전자부품 데이터시트 검색엔진 |
|
REC8E-4824S/CTRL/X1 데이터시트(PDF) 6 Page - Recom International Power |
|
|
|||||||||||||||||||||||||||||
REC8E-4824S/CTRL/X1 데이터시트(HTML) 6 Page - Recom International Power |
|
6 / 6 page ![]() www.recom-power.com REV.: 0/2021 ECO-6 DC/DC Converter Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated) REC8E Series The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications. PACKAGING INFORMATION Parameter Type Value Packaging Dimension (LxWxH) tube 260.0 x 28.5 x 20.8mm Packaging Quantity 8pcs Storage Temperature Range -55°C to +125°C Storage Humidity non-condensing 95% RH max. Dimension Drawing (mm) Pinning Information Pin # Single Dual 1 +Vin +Vin 2 -Vin -Vin 3 CTRL CTRL 4 -Vout -Vout 5 no Pin Com 6 +Vout +Vout Tolerance: xx.x= ±0.5mm xx.xx= ±0.25mm Ø 1.0±0.1 8 x 2.54= 20.32 10.16 10.16 25.4 25.4 1 4 5 6 2 3 1 4 5 6 2 3 2.54 Recommended Footprint Details |