전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDH1518 데이터시트(PDF) 7 Page - Nihon Inter Electronics Corporation

부품명 PDH1518
상세설명  THYRISTOR MODULE 150A / 800V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIEC [Nihon Inter Electronics Corporation]
홈페이지  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDH1518 데이터시트(HTML) 7 Page - Nihon Inter Electronics Corporation

  PDH1518 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 8Page - Nihon Inter Electronics Corporation PDH1518 Datasheet HTML 9Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
-40 C
25 C
12 5C
PGM=5W
f >50Hz
du ty< 20%



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com