전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD3SS213 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 HD3SS213
상세설명  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 데이터시트(HTML) 21 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 17Page - Texas Instruments HD3SS213 Datasheet HTML 18Page - Texas Instruments HD3SS213 Datasheet HTML 19Page - Texas Instruments HD3SS213 Datasheet HTML 20Page - Texas Instruments HD3SS213 Datasheet HTML 21Page - Texas Instruments HD3SS213 Datasheet HTML 22Page - Texas Instruments HD3SS213 Datasheet HTML 23Page - Texas Instruments HD3SS213 Datasheet HTML 24Page - Texas Instruments HD3SS213 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
HD3SS213ZQER
BGA MI
CROSTA
R JUNI
OR
ZQE
50
2500
330.0
12.4
5.3
5.3
1.5
8.0
12.0
Q1
HD3SS213ZXHR
NFBGA
ZXH
50
2500
330.0
12.4
5.3
5.3
1.5
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Mar-2021
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29